Part Number Hot Search : 
TR10E P4KE30 GC1511 CD54A TMS06124 01118 116004 16R090B
Product Description
Full Text Search
 

To Download DJ06D4812A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dj06s/d series 6w dc/dc converter, dip-package, high isolation ds_dj06s/d_07162012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc p1 features ? efficiency up to 84% ? dip package with industry standard pinout ? 4:1 wide input range ? operating temperature range -40c to +85c ? i solation voltage 1500vdc /3000vdc(optional) ? short circuit protection ? overload protection ? complies with en 55022 class a ? lead free, rohs compliant ? 3 years product warranty the dj06s/d series is miniature, dip package, isolated 6w dc/dc converters with 1,500vdc/3000vdc isolation. it offers short circuit protection and allows a wide operating temperature range of ?40c to +85c. these isolated dc/dc converters are t he latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. model list output current input current efficiency (typ.) input voltage (range) output voltage max. @max. load @no load reflected ripple current max. capacitive load @max. load model number vdc vdc ma ma(typ.) ma(typ.) ma(typ.) uf % dj06s2403a 3.3 1200 214 470 77 dj06s2405a 5 1200 313 470 80 dj06s2412a 12 500 298 100 84 dj06s2415a 15 400 298 100 84 dj06s2424a 24 250 298 47 84 dj06d2405a 5 500 260 100* 80 dj06d2412a 12 250 298 100* 84 dj06d2415a 24 (9 ~ 36) 15 200 298 20 20 100* 84 dj06s4803a 3.3 1200 107 470 77 dj06s4805a 5 1200 156 470 80 dj06s4812a 12 500 149 100 84 dj06s4815a 15 400 149 100 84 dj06s4824a 24 250 149 47 84 dj06d4805a 5 500 130 100* 80 DJ06D4812A 12 250 149 100* 84 dj06d4815a 48 (18 ~ 75) 15 200 149 10 15 100* 84 * for each output p1
ds_dj06s/d_07162012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc input characteristics parameter model min. typ. max. unit 24v input models -0.7 --- 50 input surge voltage (1 sec. max.) 48v input models -0.7 --- 100 24v input models 7 8 9 start-up voltage 48v input models 14 16 18 24v input models --- --- 8.5 under voltage shutdown 48v input models --- --- 16 vdc short circuit input power --- --- 3000 mw internal power dissipation --- --- 2500 mw conducted emi all models compliance to en 55022,class a and fcc part 15,class a output characteristics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % output voltage balance dual output, balanced loads --- 1.0 2.0 % line regulation vin=min. to max. --- 0.1 0.5 % load regulation io=0% to 100% --- 0.6 1.2 % min.load no minimum load requirement ripple & noise (20mhz) --- 50 80 mv p-p ripple & noise (20mhz) over line, load & temp. --- --- 100 mv p-p transient recovery time --- 300 600 us transient response deviation 25% load step change --- 3 --- % temperature coefficient --- 0.01 0.02 %/ over load protection foldback 110 150 --- % short circuit protection continuous general characteristics parameter conditions min. typ. max. unit standard 1500 --- --- vdc i/o isolation voltage (rated) 60 seconds suffix h (note 5) 3000 --- --- vdc i/o isolation resistance 500 vdc 1000 --- --- m ? i/o isolation capacitance 100khz, 1v --- 1000 --- pf switching frequency --- 330 --- khz mtbf (calculated) mil-hdbk-217f@25 , ground benign 800,000 --- --- hours safety approvals(pending) ul/cul 60950-1 recognition(csa certificate), iec/en 60950-1(cb-scheme) recommended input fuse 24v input models 48v input models 1500ma slow-blow type 800ma slow-blow type environmental characteristics parameter conditions min. max. unit operating temperature range (with derating) ambient -40 +85 case temperature --- +100 storage temperature range -50 +125 humidity (non condensing) --- 95 % rel. h cooling free-air convection lead temperature (1.5mm from case for 10sec.) --- 260 p2
ds_dj06s/d_07162012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc power derating curve output power (%) output power (%) (3.3 & 5v output models) (other output models) notes 1 specifications typical at ta=+25 , resistive load, nominal input voltage and rated output current unless otherwise noted. 2 transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100% 3 ripple & noise measurement bandwidth is 0-20mhz. 4 all dc/dc converters should be externally fused at the front end for protection. 5 to order the converter at 3kvdc isolation, please add a suffix h (e.g. dj06s2403h) to order code. 6 specifications subject to change without notice. mechancial drawing mechanical dimensions pin connections pin single output dual output 2 -vin -vin 3 -vin -vin 9 no pin common 11 nc -vout 14 +vout +vout 16 -vout common 22 +vin +vin 23 +vin +vin nc: no connection ? all dimensions in mm (inches) ? tolerance: x.x0.25 (x.xx0.01) x.xx0.13 ( x.xxx0.005) ? pin diameter ? 0.5 0.05 (0.020.002) physical outline case size : 31.8x20.3x10.2mm (1.25x0.80x0.40 inches) case material : non-conductive black plastic (flammability to ul 94v-0 rated) weight : 12.7g p3 bottom view 2 11 14 16 23 15.24 [0.60] 5.08 [0.20] 4.1 [0.16] 3 9 22 4.5 [0.18] 10.2 [0.40] 15.22 [0.60] 20.3 [0.80] 2.54 [0.10] 31.8 [1.25] 2.54 [0.10] 0.50 [0.02]
ds_dj06s/d_07162012 e-mail: dcdc@delta.com.tw http://www.delta.com.tw/dcdc part numbering system d j 06 s 24 05 a form factor family series watt number of outputs input voltage output voltage option code d-dip a~z 01:1w s - single 03:3.3v 03:3.3v a - std. functions p-sip 02:2w d- dual 05: 5v 05: 5v h- high isolation s-smd 03:3w 12:12v 12:12v 04:4w 24: 24v 15: 15v 06:6w 48:48v 24: 24v warranty delta offers a three(3) years limited warranty. complete warranty information is listed on our web site or is available upon re quest from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, without notice. p4


▲Up To Search▲   

 
Price & Availability of DJ06D4812A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X